PART |
Description |
Maker |
IDT728980 IDT728980J IDT728980J8 |
256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 5.0V TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
|
IDT[Integrated Device Technology]
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
MAC08BT105 MAC08BT1G MAC08MT1G MAC08MT1 MAC08BT1 |
Silicon Bidirectional Thyristor(0.8A锛?00V涓????????纭???哥?) Sensitive Gate Triacs Silicon Bidirectional Thyristors Silicon Bidirectional Thyristor(0.8A00V三端双向可控硅晶闸管) 200 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ONSEMI[ON Semiconductor]
|
IDT72V70190 IDT72V70190TF IDT72V70190PF |
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 TSI-TDM Switches
|
IDT[Integrated Device Technology]
|
M3488Q1 1424 M3488B1 |
256 X 256 DIFGITAL SWITCHING MATRIX From old datasheet system 256 X 256 DIFGITAL SWITCHING MATRIX
|
ST Microelectronics STMicroelectronics
|
SA3488 |
CMOS 256 X 256 DIGITAL SWITCHING MATRIX
|
SAMES[Sames]
|
CT50E CT35E CT130E CT120E CT200E CT110E |
DIAC (BIDIRECTIONAL DIODE THYRISTOR)|58V V(BO) MAX|50UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|40V V(BO) MAX|50UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|138V V(BO) MAX|25UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|125V V(BO) MAX|25UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|215V V(BO) MAX|15UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|118V V(BO) MAX|25UA I(S)|DO-204AL 移民部(双向二极管晶闸管)| 118V五(公报)最大| 25UA我(县)|的DO - 204AL
|
NJR
|
P4C422-25DC P4C422-25DMB P4C422-12FC P4C422-15FC P |
HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 12 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 15 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 35 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, PDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 高速静56 × 4 CMOS存储
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
AM7200-35RC AM7200-35JC AM7200-35PC AM7200-50JC AM |
HIGH DENSITY FIRST-IN FIRST-OUT (FIFO) 256 X 9-BIT CMOS MEMORY 256 X 9 OTHER FIFO, 25 ns, PDIP28 HIGH DENSITY FIRST-IN FIRST-OUT (FIFO) 256 X 9-BIT CMOS MEMORY 256 X 9 OTHER FIFO, 50 ns, PDIP28 Circular Connector; No. of Contacts:13; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No JT 13C 13#22D PIN WALL RECP
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
CAT5251YI-00-T2 CAT5251WI-00-T1 CAT5251WI-50-T1 |
DPP, NV, Quad 256 taps, SPI QUAD 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Rectron Semiconductor
|
|